PART |
Description |
Maker |
MAX1211 MAX1211ETL |
65Msps, 12-Bit, IF Sampling ADC
|
MAXIM - Dallas Semiconductor
|
LTC1742IFWTR LTC1742IFWPBF |
14-Bit, 65Msps Low Noise ADC
|
Linear Technology
|
MAX19515 MAX19515ETM |
Dual-Channel, 10-Bit, 65Msps ADC
|
Maxim Integrated Products Maxim Integrated Produc...
|
LTC2273IUJ LTC2273IUJ-PBF LTC2273IUJ-TR LTC2273IUJ |
16-Bit, 80Msps/65Msps Serial Output ADC
|
Linear Technology
|
LTC1741 LTC1741IFW |
5V, 12-Bit, 65Msps Low Noise ADC, Parallel Interface
|
Linear Technology
|
MAX1127EGK-D |
Quad, 12-Bit, 65Msps, 1.8V ADC with Serial LVDS Outputs
|
MAXIM - Dallas Semiconductor
|
MAX1127EGK MAX1127 |
Quad, 12-Bit, 65Msps, 1.8V ADC with Serial LVDS Outputs
|
MAXIM[Maxim Integrated Products]
|
LTC2226CUH LTC2226CUH-PBF LTC2227CUH-PBF LTC2228CU |
12-Bit, 65/40/25Msps Low Power 3V ADCs 12-Bit, 65Msps Low Power 3V ADCs; Package: QFN; No of Pins: 32; Temperature Range: 0°C to 70°C 1-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC32
|
http:// Linear Technology, Corp.
|
AD5347 AD5348 AD5346 AD5346BRU-REEL7 AD5347BRU-REE |
Dual 12-bit 80MSPS ADC with serialized LVDS output 48-VQFN -40 to 85 Dual 12-bit 105MSPS ADC with serialized LVDS output 48-VQFN -40 to 85 PARALLEL, 8 BITS INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO38 Dual 14-bit 65MSPS ADC with serialized LVDS Output 48-VQFN -40 to 85 PARALLEL, WORD INPUT LOADING, 7 us SETTLING TIME, 10-BIT DAC, PDSO38 Dual 12-bit 125MSPS ADC with serialized LVDS output 48-VQFN -40 to 85 PARALLEL, WORD INPUT LOADING, 7 us SETTLING TIME, 10-BIT DAC, QCC40 2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 12-Bit D/A Converter PARALLEL, WORD INPUT LOADING, 8 us SETTLING TIME, 12-BIT DAC, PDSO38 Dual 12-bit 105MSPS ADC with serialized LVDS output 48-VQFN -40 to 85 PARALLEL, 8 BITS INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, QCC40
|
Analog Devices, Inc.
|
AD7827BR-REEL AD7827BR-REEL7 AD7827BRZ AD7827BN |
3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC 1-CH 8-BIT FLASH METHOD ADC, SERIAL ACCESS, PDSO8 14-Bit 48KSPS DAS with ADC, MUX, PGA and Internal Reference 28-SSOP -40 to 85 1-CH 8-BIT FLASH METHOD ADC, SERIAL ACCESS, PDIP8 3/5V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 1-CH 8-BIT FLASH METHOD ADC, SERIAL ACCESS, PDSO8
|
Analog Devices, Inc.
|
|